Part Number Hot Search : 
LM33905 CXD2424R T54FC FR240 LTC1863L BL8068 AN531 13600
Product Description
Full Text Search
 

To Download HV121X02-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  proprietary note this specification is the property of boe hydis and shall not be reproduced or copied without the written permission of boe hydis and must be returned to boe hydis upon its request. title : HV121X02-100 product specification rev. o boe hydis technology spec. number s864-1266 product group tft-lcd product rev. o issue date 2006.01.25 page 1 of 22 b2005-c001-a (1/3) a4(210 x 297) www.datasheet.co.kr datasheet pdf - http://www..net/
product group rev. issue date tft-lcd product o 2006.01.25 revision history rev. ecn no. description of changes date prepared o - initial release 06.01.25 j.k.han page spec. number s864-1266 spec. title HV121X02-100 product specification 2 of 22 b2005-c001-a (2/3) a4(210 x 297) www.datasheet.co.kr datasheet pdf - http://www..net/
product group rev. issue date tft-lcd product o 2006.01.25 page spec. number s864-1266 spec. title HV121X02-100 product specification 3 of 22 b2005-c001-a (3/3) a4(210 x 297) contents no item page 1.0 general description 4 2.0 environmental absolute maximum ratings 5 3.0 optical specifications 6 4.0 electrical specifications 7 5.0 interface connection 8 6.0 signal timing specifications 9 7.0 signal timing waveforms of interface signal 11 8.0 input signals, basic display colors & gray scale of colors 12 9.0 power sequence 13 10.0 reliability test 14 11.0 handling & cautions 16 12.0 appendix 17 www.datasheet.co.kr datasheet pdf - http://www..net/
product group rev. issue date tft-lcd product o 2006.01.25 page spec. number s864-1266 spec. title HV121X02-100 product specification 4 of 22 b2005-c001-a (3/3) a4(210 x 297) 1.0 general description 1.1 introduction HV121X02-100 is a color active matrix tft lc d module using amorphous silicon tft's (thin film transistors) as active switching devices. this module has a 12.1 inch diagonally measured active area with xga resolutions (1024 horizontal by 768 vertical pixel array). each pixel is divided into red, green, blue dots which are arra nged in vertical stripe. this module consists of tft-lcd panel, which tabs bonded data d-ic and gate d -ic and pcb are attached. 1.2 features z product scope: hv121x02 panel (hi gh reliable lc and ar pol.) with driver ic and driving circuit board (pcb) without blu *blu will be assembled by customer. z lvds interface with 1pixel / clock z high-speed response at high temperature z high contrast ratio and wide viewing angle z high-temperature operations enable z 6-bit color depth, display 262,144 colors z de (data enable) mode only z rohs 1.3 applications z atm / car / avionics HV121X02-100 t/con lvds 1ch (6bit) power block v dd (3.3v) cn1 source driver ic (cof) gate driver ic (cof) www.datasheet.co.kr datasheet pdf - http://www..net/
product group rev. issue date tft-lcd product o 2006.01.25 page spec. number s864-1266 spec. title HV121X02-100 product specification 5 of 22 b2005-c001-a (3/3) a4(210 x 297) 1.4 general specifications the followings are general specifications at the model HV121X02-100. parameter specification unit remark active area 245.76 (h) 184.32 (v) mm number of pixels 1024(h) 768(v) pixels pixel pitch 0.24(h) 0.24(v) mm pixel arrangement rgb vertical stripe - display mode normally black (ffs) - surface treatment anti-reflective (no haze) - liquid crystal clearing temperature 103 color filter chromaticity x=0.312, y=0.342 cf color gamut 40 % panel transmittance 5.91 (excluding the gain of the rear-polarizer) % note. 1 note 1) the panel transmittance as described a bove, will be obtained after electronics and back- light driving circuit are optimized to a panel. 2.0 environmental absolute maximum ratings the followings are maximum values which, if ex ceed, may cause faulty operation or damage to the unit. parameter symbol min max unit remark operating temperature t op -20 +85 note. 1 note. 1) as compromised with customer, t-con, d-ic, polarizer are excluded within the range of guarantee for operating temperature. t-con : 0 ~ 75 , d-ic : -10 ~ 75 , polarizer : -20 ~ 80 www.datasheet.co.kr datasheet pdf - http://www..net/
product group rev. issue date tft-lcd product o 2006.01.25 page spec. number s864-1266 spec. title HV121X02-100 product specification 6 of 22 b2005-c001-a (3/3) a4(210 x 297) 3.0 optical specifications 3.1 overview the test of optical specifications shall be measured in a dark room (ambient luminance 1 lux and temperature = 25 2 ) with the equipment of luminance meter system (goniometer system and topcon bm-5) and test unit shall be located at an approximate distance 50cm from the lcd surface at a viewing angle of and equal to 0 . we refer to =0 (= 3 ) as the 3 o?clock direction (the ?right?), =90 (= 12 ) as the 12 o?clock direction (?upward?), =180 (= 9 ) as the 9 o?clock direction (?left?) and =270 (= 6 ) as the 6 o?clock direction (?bottom?). while scanning and/or , the center of the measuring spot on the display surface shall stay fixed. the test setup, geometry, and measurement location are shown in figure 1, and figure 2. (shown in appendix) 3.2 optical specifications the measurement shall be executed after 30 minutes warm-up period. [vdd=3.3v, frame rate=60h z, clock=65mhz, ta = 252 ] parameter symbol condition min typ max unit remark 3 89 90 deg horizontal 9 89 90 deg 12 89 90 deg viewing angle vertical 6 cr > 10 89 90 deg note 1 luminance contrast ratio cr - 450 - note 2 color reproduction 40 45 - % response time (at 45 ) ttotal (tr + td) ttotal - - 32 msec note 3 cross talk ct = 0 (center) normal viewing angle - - 2.0 % note 4 note: 1. viewing angle is the angle at which the contrast ratio is greater than 10. the viewing are determined for the horizontal or 3, 9 o?clock dir ection and the vertical or 6, 12 o?clock direction with respect to the optical axis which is normal to the lcd surface (see figure 1 shown in appendix). 2. contrast measurements shall be made at viewing angle of = 0 and at the center of the lcd surface. luminance shall be measured with all pixels in the view field set first to white, then to the dark (black) state. (see figure 1 shown in appendi x) luminance contrast ratio (cr) is defined mathematically. www.datasheet.co.kr datasheet pdf - http://www..net/
product group rev. issue date tft-lcd product o 2006.01.25 page spec. number s864-1266 spec. title HV121X02-100 product specification 7 of 22 b2005-c001-a (3/3) a4(210 x 297) luminance when displaying a white raster cr = luminance when displaying a black raster 3. the electro-optical response time measurements shall be made as figure 2 shown in appendix by switching the ?data? input signal on and off. the times needed for the luminance to change from 10% to 90% is tr, and 90% to 10% is td. 4. cross-talk of one area of the lcd surface by another shall be measured by comparing the luminance (y a ) of a 25mm diameter area, with all display pixels set to a gray level, to the luminance (y b ) of that same area when any adjacent area is driven dark. (see figure 3 shown in appendix). 4.0 electrical specifications [ta = 252 ] parameter min typ max unit remark power supply voltage v dd 3.0 3.3 3.6 v power supply current i dd - 220 ma note1 power consumption p d 0.7 1.1 w permissible input ripple voltage v rf - - 100 mv v dd = 3.3v high level differential input threshold voltage v ih - - +100 mv low level differential input threshold voltage v il -100 - - mv vcm = 1.2v typ. notes: 1. the supply voltage is measured and specified at the interface connector of lcm. the current draw and power consumption specified is for vdd = 3.3v, frame rate = 60 hz and clock frequency = 65mhz. test pattern of power supply current a) typ: vertical color bar pattern b) max : gray 28 @ vertical 2 skip line pattern www.datasheet.co.kr datasheet pdf - http://www..net/
product group rev. issue date tft-lcd product o 2006.01.25 page spec. number s864-1266 spec. title HV121X02-100 product specification 8 of 22 b2005-c001-a (3/3) a4(210 x 297) 5.0 interface connection 5.1 electrical interface cn1 interface connector : df19l-20p-1h (hirose) or equivalent user side connector : df19g- 20s-1c (hirose) or equivalent pin no symbol function remark 1 vdd1 power supply: +3.3v 2 vdd2 power supply: +3.3v 3 vss ground 4 vss ground 5 rin0- lvds negative data signal (-) 6 rin0+ lvds positive data signal (+) r0,r1,r2,r3,r4,r5,g0 7 vss ground 8 rin1- lvds negative data signal (-) 9 rin1+ lvds positive data signal (+) g1,g2,g3,g4,g5,b0,b1 10 vss ground 11 rin2- lvds negative data signal (-) 12 rin2+ lvds positive data signal (+) b2,b3,b4,b5, hsync,vsync,de 13 vss ground 14 rclkin- lvds negative clock signal (-) 15 rclkin+ lvds positive clock signal (+) 16 vss ground 17 nc no connection 18 nc no connection 19 vss ground 20 vss ground www.datasheet.co.kr datasheet pdf - http://www..net/
product group rev. issue date tft-lcd product o 2006.01.25 page spec. number s864-1266 spec. title HV121X02-100 product specification 9 of 22 b2005-c001-a (3/3) a4(210 x 297) 6.0 signal timing specifications 6.1 the HV121X02-100 is operated by the only de (data enable) mode (lvds transmitter input) item symbols min typ max unit frequency 1/tc - 65 80 mhz high time tch 4.5 - - ns clock low time tcl 4.5 - - ns setup time tds 2.7 - - ns data hold time tdh 0 - - ns data enable setup time tes 2.7 - - ns frame period tv 772 806 1022 lines vertical display period tvd 768 768 768 lines one line scanning period th 1100 1344 2046 clocks horizontal display period thd 1024 1024 1024 clocks 6.2 lvds data mapping www.datasheet.co.kr datasheet pdf - http://www..net/
product group rev. issue date tft-lcd product o 2006.01.25 page spec. number s864-1266 spec. title HV121X02-100 product specification 10 of 22 b2005-c001-a (3/3) a4(210 x 297) 6.3 lvds rx interface timing parameter the specification of the lvds rx interface timing parameter item symbol min typ max unit remark clkin period trcip 12.5 15.38 - nsec input data 0 trip1 -0.4 0.0 +0.4 nsec input data 1 trip0 1*tricp/7 -0.4 1*tricp/7 1*tricp/7 +0.4 nsec input data 2 trip6 2*tricp/7 -0.4 2*tricp/7 2*tricp/7 +0.4 nsec input data 3 trip5 3*tricp/7 -0.4 3*tricp/7 3*tricp/7 +0.4 nsec input data 4 trip4 4*tricp/7 -0.4 4*tricp/7 4*tricp/7 +0.4 nsec input data 5 trip3 5*tricp/7 -0.4 5*tricp/7 5*tricp/7 +0.4 nsec input data 6 trip2 6*tricp/7 -0.4 6*tricp/7 6*tricp/7 +0.4 nsec trip3 trip4 trip5 trip6 trip2 trip0 trip1 rx2 r x1 rx0 rx6 rx5 rx4 rx3 rx2 rx1 rx0 rx3 trcip vdiff=0[v] vdiff=0[v] rclkin+ rinz +/- * z=0, 1, 2, 3 * vdiff = (rinz+)-(rinz-), (rclkin+)-(rclkin-) www.datasheet.co.kr datasheet pdf - http://www..net/
product group rev. issue date tft-lcd product o 2006.01.25 page spec. number s864-1266 spec. title HV121X02-100 product specification 11 of 22 b2005-c001-a (3/3) a4(210 x 297) 7.0 signal timing waveforms of interface signal (de mode) 7.1 vertical timing waveforms 7.2 horizontal timing waveforms mclk enab x,1 x,2 x,y x+1,1 x,768 invalid data data invalid th tv tvd r7 ~ r0 g7 ~ g0 b7 ~ b0 mclk enab d1 d2 dn data d1 d2 d3 invalid d1022 d1023 d1024 th thd tc ra7 ~ra0 ga7 ~ga0 ba7 ~ba0 tch tcl tdh tds 2.0v 0.8v 2.0v 0.8v tes 2.0v mclk valid data data enab 1.5v www.datasheet.co.kr datasheet pdf - http://www..net/
product group rev. issue date tft-lcd product o 2006.01.25 page spec. number s864-1266 spec. title HV121X02-100 product specification 12 of 22 b2005-c001-a (3/3) a4(210 x 297) 8.0 input signals, basic display colors & gray scale of colors red data green data blue data colors & gray scale r5 r4 r3 r2 r1 r0 g5 g4 g3 g2 g1 g0 b5 b4 b3 b2 b1 b0 black 0 0 0 0 0 0 0 0000000 0 0 00 blue 0 0 0 0 0 0 0 0000011 1 1 11 green 0 0 0 0 0 0 1 1111100 0 0 00 cyan 0 0 0 0 0 0 1 1111111 1 1 11 red 1 1 1 1 1 1 0 0000000 0 0 00 magenta 1 1 1 1 1 1 0 0000011 1 1 11 yellow 1 1 1 1 1 1 1 1111100 0 0 00 basic colors white 1 1 1 1 1 1 1 1111111 1 1 11 black 0 0 0 0 0 0 0 0000000 0 0 00 0 0 0 0 0 1 0 0000000 0 0 00 darker 0 0 0 0 1 0 0 0000000 0 0 00 brighter 1 1 1 1 0 1 0 0000000 0 0 00 1 1 1 1 1 0 0 0000000 0 0 00 gray scale of red red 1 1 1 1 1 1 0 0000000 0 0 00 black 0 0 0 0 0 0 0 0000000 0 0 00 0 0 0 0 0 0 0 0000100 0 0 00 darker 0 0 0 0 0 0 0 0001000 0 0 00 brighter 0 0 0 0 0 0 1 1110100 0 0 00 0 0 0 0 0 0 1 1111000 0 0 00 gray scale of green green 0 0 0 0 0 0 1 1111100 0 0 00 black 0 0 0 0 0 0 0 0000000 0 0 00 0 0 0 0 0 0 0 0000000 0 0 01 darker 0 0 0 0 0 0 0 0000000 0 0 10 brighter 0 0 0 0 0 0 0 0000011 1 1 01 0 0 0 0 0 0 0 0000011 1 1 10 gray scale of blue blue 0 0 0 0 0 0 0 0000011 1 1 11 black 0 0 0 0 0 0 0 0000000 0 0 00 0 0 0 0 0 1 0 0000100 0 0 01 darker 0 0 0 0 1 0 0 0001000 0 0 10 brighter 1 1 1 1 0 1 1 1110111 1 1 01 1 1 1 1 1 0 1 1111011 1 1 10 gray scale of white & black white 1 1 1 1 1 1 1 1111111 1 1 11 www.datasheet.co.kr datasheet pdf - http://www..net/
product group rev. issue date tft-lcd product o 2006.01.25 page spec. number s864-1266 spec. title HV121X02-100 product specification 13 of 22 b2005-c001-a (3/3) a4(210 x 297) 9.0 power sequence to prevent a latch-up or dc operation of the lc d module, the power on/off sequence should be as shown in below z 0 < t1 10 ms z 0 < t2 50 ms z 0 ms t3 z 0 t4 10ms z 150ms t5 notes: 1. when the power supply vdd is 0v, keep the level of input signals on the low or keep high impedance. 2. do not keep the interface signal high impedance when power is on. 3. back light must be turn on after power for logic and interface signal are valid. t1 power interface valid t2 t3 0.9vdd 0.1vdd 0.9vdd 0.1vdd 0v 0v t5 t4 10% 10% www.datasheet.co.kr datasheet pdf - http://www..net/
product group rev. issue date tft-lcd product o 2006.01.25 page spec. number s864-1266 spec. title HV121X02-100 product specification 14 of 22 b2005-c001-a (3/3) a4(210 x 297) 10.0 reliability test 10.1 boe hydis test condition the following test is performed for the HV121X02-100 module with ht12x21-220 blu. no test items conditions 1 high temperature storage test ta = 60 c, 240 hrs 2 low temperature storage test ta = -20 c, 240 hrs 3 high temperature & high humidity operation test ta = 50 c, 80 %rh, 240 hrs 4 high temperature operation test ta = 50 c, 240 hrs 5 low temperature operation test ta = 0 c, 240 hrs 6 thermal shock ta = -20 c ? 60 c (30 min), 100 cycle 7 vibration test (non-operating) frequency gravity/amp period : 10 ~ 300 hz : 1.5g : x, y, z 30 min 8 shock test (non-operating) gravity pulse width : 150g : 6ms, half sine wave x, y, z once for each direction *as guarantee range of specific part (pol . / d-ic / lc), boehydis have responsibility within this range of these parts. www.datasheet.co.kr datasheet pdf - http://www..net/
product group rev. issue date tft-lcd product o 2006.01.25 page spec. number s864-1266 spec. title HV121X02-100 product specification 15 of 22 b2005-c001-a (3/3) a4(210 x 297) 10.2 customer test condition the following test is performed with the HV121X02-100. no test items conditions remark 1 high temperature storage test ta = 85 c, 50%, 240 hrs 2 low temperature storage test ta = -25 c, 240 hrs 3 high temperature & high humidity operation test ta = 85 c, 80 %rh, 240 hrs 4 low temperature operation test ta = -25 c, 240 hrs 5 shock gravity : 120g pulse width : 2ms, half sine wave for x, y, z direction 6 vibration test (non-operating) frequency : 1 ~ 300hz gravity / amp : 1.5g period x, y, z 30min. www.datasheet.co.kr datasheet pdf - http://www..net/
product group rev. issue date tft-lcd product o 2006.01.25 page spec. number s864-1266 spec. title HV121X02-100 product specification 16 of 22 b2005-c001-a (3/3) a4(210 x 297) 11.0 handling & cautions 11.1 cautions for handling the module y as the electrostatic discharges may break the lcd module, handle the lcd module with care. peel a protection sheet off from the lcd panel surface as slowly as possible. y as the lcd panel is made from fragile glass material, impulse and pressure to the lcd module should be avoided. y as the surface of the polarizer is very soft a nd easily scratched, use a soft dry cloth without chemicals for cleaning. y put the module display side down on a flat horizontal plane. 11.2 other cautions y do not disassemble and/or re-assemble lcd module. y when returning the module for repair or etc, please pack the module not to be broken. we recommend using the original shipping packages. www.datasheet.co.kr datasheet pdf - http://www..net/
product group rev. issue date tft-lcd product o 2006.01.25 page spec. number s864-1266 spec. title HV121X02-100 product specification 17 of 22 b2005-c001-a (3/3) a4(210 x 297) 12.0 appendix figure 1. measurement set up (l = 50cm) figure 2. response time testing tft off(black) tft on(white) tft off(black) tr 100% 90% 10% 0% td www.datasheet.co.kr datasheet pdf - http://www..net/
product group rev. issue date tft-lcd product o 2006.01.25 page spec. number s864-1266 spec. title HV121X02-100 product specification 18 of 22 b2005-c001-a (3/3) a4(210 x 297) figure 3. cross modulation test description yb - ya cross-talk = ya 100 where: y a = initial luminance of measured area (cd/m 2 ) y b = subsequent luminance of measured area (cd/m 2 ) the location measured will be exactly the same in both patterns. v ie w area ya (896, 38 4 ) 2 56, 1 9 2 2 56, 576 768, 576 768, 1 9 2 yb (896, 38 4 ) v ie w area www.datasheet.co.kr datasheet pdf - http://www..net/
product group rev. issue date tft-lcd product o 2006.01.25 page spec. number s864-1266 spec. title HV121X02-100 product specification 19 of 22 b2005-c001-a (3/3) a4(210 x 297) figure 4. packing sequence of HV121X02-100 panel product label packing tray shielding bag packing tape box label 15?box www.datasheet.co.kr datasheet pdf - http://www..net/
product group rev. issue date tft-lcd product o 2006.01.25 page spec. number s864-1266 spec. title HV121X02-100 product specification 20 of 22 b2005-c001-a (3/3) a4(210 x 297) figure 5. product serial number www.datasheet.co.kr datasheet pdf - http://www..net/
product group rev. issue date tft-lcd product o 2006.01.25 page spec. number s864-1266 spec. title HV121X02-100 product specification 21 of 22 b2005-c001-a (3/3) a4(210 x 297) *. packing note z box dimension: 333mm(w)x 333mm(d)x 435(h) z package quantity in one box: 15pcs figure 6. box label z label size: 108 mm (l) 56 mm (w) z contents model: HV121X02-100 q`ty: module q`ty in one box serial no.: box serial no. see next page for detail description. date: packing date fg code: fg code of product 0 00 0 0 00 0 0 00000 type grade line year month item-code serial_no fg code hv121x02 - 100 0000000000000 2005.03.02 15 www.datasheet.co.kr datasheet pdf - http://www..net/
product group rev. issue date tft-lcd product o 2006.01.25 page spec. number s864-1266 spec. title HV121X02-100 product specification 22 of 22 b2005-c001-a (3/3) a4(210 x 297) figure 7. tft-lcd panel outline dimension (front view) www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of HV121X02-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X